Part Number Hot Search : 
B44066 C1334 2SB1417 BA7046F M61084FP RU5024 C1334 GM3842
Product Description
Full Text Search
 

To Download PN3645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PN3645
Discrete POWER & Signal Technologies
PN3645
C
BE
TO-92
PNP General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 500 mA. Sourced from Process 63. See PN2907A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Collector-Emitter Voltage
Value
60 60 5.0 800 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25 C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
PN3645 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
PN3645
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICES IBL Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Base-Cutoff Current IC = 10 mA, IB = 0 IC = 100 A, IE = 0 IE = 10 A, I C = 0 VCB = 50 V, IE = 0 VCB = 50 V, IE = 0, TA = 65C VCE = 50 V, IC = 0 60 60 5.0 35 2.0 35 V V V nA A nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 10 V, I C = 0.1 mA VCE = 10 V, I C = 1.0 mA VCE = 10 V, I C = 10 mA VCE = 10 V, I C = 150 mA VCE = 2.0 V, I C = 300 mA VCE = 1.0 V, I C = 50 mA IC = 50 mA, IB = 2.5 mA I C = 150 mA, I B = 15 mA I C = 50 mA, IB = 2.5 mA I C = 150 mA, I B = 15 mA 40 80 100 100 20 80
300 240 0.25 0.4 1.0 1.3
VCE(sat) VBE(sat)
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
V V V V
SMALL SIGNAL CHARACTERISTICS
Cob Cib hfe Output Capacitance Input Capacitance Small-Signal Current Gain VCB = 10 V, f = 140 kHz VBE = 0.5 V, f = 140 kHz IC = 20 mA, VCE = 20 V, f = 100 MHz 2.0 8.0 35 pF pF
SWITCHING CHARACTERISTICS
ton td tr toff ts tf Turn-on Time Delay Time Rise Time Turn-off Time Storage Time Fall Time VCC = 30 V, IC = 300 mA I B1 = I B2 = 30 mA VCC = 30 V, IC = 300 mA, IB1 = 30 mA 40 25 35 100 70 50 ns ns ns ns ns ns
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of PN3645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X